Part Number Hot Search : 
ADDR13 P060002 TA1733A EPC1PI8N 16222 82845GL SBR3035 470MC
Product Description
Full Text Search
 

To Download AAT3151IWP-T1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AAT3151
High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications General Description
The AAT3151 is a low noise, constant frequency charge pump DC/DC converter that uses a trimode load switch (1X), fractional (1.5X), and doubling (2X) conversion to maximize efficiency for white LED applications. The AAT3151 is capable of driving four white LEDs at a total of 120mA from a 2.7V to 5.5V input. The current sinks may be operated individually or in parallel for driving higher-current LEDs. A low external parts count (two 1F flying capacitors and two small 1F capacitors at VIN and VOUT) makes the AAT3151 ideally suited for small battery-powered applications. AnalogicTech's AS2CwireTM (Advanced Simple Serial ControlTM) serial digital input is used to enable, disable, and set current for each LED with a 16-level logarithmic scale plus four low-current settings down to 50A for optimized efficiency, with a low housekeeping current of only 50A. The charge pump output of the AAT3151 is equipped with built-in protection for VOUT. Each current sink input has short-circuit and auto-disable to guard against LED failure conditions. Built-in soft-start circuitry prevents excessive inrush current during start-up. A low-current shutdown feature disconnects the load from VIN and reduces quiescent current to less than 1A. The AAT3151 is available in a Pb-free, space-saving, thermally-enhanced, 12-pin 3x3mm TDFN package.
Features
* *
ChargePumpTM
* * * * * * * * * * *
VIN Range: 2.7V to 5.5V Fully Programmable Current with Single Wire -- 16-Step Logarithmic Scale -- 15/20/30mA Max Current -- Four Low-Current Settings Down to 50A -- Low IQ (50A) for Low-Current Mode Tri-Mode 1X, 1.5X, and 2X Charge Pump for Maximum Efficiency and VF Coverage Drives Four Channels of LEDs Individual Main/Sub-Group Control No Inductors, Low Noise Operation 1MHz Constant Switching Frequency Small Application Circuit Built-In Thermal Protection Built-In Auto-Disable for Short-Circuit Automatic Soft Start IQ <1A in Shutdown TDFN33-12 Package
Applications
* * * * Color (RGB) Lighting Programmable Current Sinks White LED Backlighting White Photo Flash for Digital Still Cameras
Typical Application
2.7V to 5.5V
CIN 1F
VIN
C1+
C1 1F
C1C2+
AAT3151
C2VOUT
C2 1F
D1
D2
D3
D4
COUT 1F
EN/SET
EN/SET
D1 D2 D3 GND D4
3151.2005.12.1.7
1
AAT3151
High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications Pin Descriptions
Pin #
1 2 3 4 5 6 7 8 9 10 11 12 EP
Symbol
D4 EN/SET C1+ C1VOUT C2+ C2VIN GND D1 D2 D3
Function
Current sink input #4. AS2Cwire serial interface control pin. Flying capacitor 1 positive terminal. Connect a 1F capacitor between C1+ and C1-. Flying capacitor 1 negative terminal. Charge pump output to drive load circuit. Requires 1F capacitor connected between this pin and ground. Flying capacitor 2 positive terminal. Connect a 1F capacitor between C2+ and C2-. Flying capacitor 2 negative terminal. Input power supply. Requires 1F capacitor connected between this pin and ground. Ground. Current sink input #1. Current sink input #2. Current sink input #3. Exposed paddle (bottom). Connect to GND directly beneath package.
Pin Configuration
TDFN33-12 (Top View)
D4 EN/SET C1+ C1VOUT C2+
1 2 3 4 5 6
12 11 10 9 8 7
D3 D2 D1 GND VIN C2-
2
3151.2005.12.1.7
AAT3151
High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications Absolute Maximum Ratings1
Symbol
VIN VEN/SET IOUT2 TJ TLEAD
Description
Input Voltage EN/SET to GND Voltage Maximum DC Output Current Operating Junction Temperature Range Maximum Soldering Temperature (at leads, 10 sec)
Value
-0.3 to 6 -0.3 to VIN + 0.3 150 -40 to 150 300
Units
V V mA C C
Thermal Information3
Symbol
PD JA
Description
Maximum Power Dissipation4 Maximum Thermal Resistance
Value
2.0 50
Units
W C/W
1. Stresses above those listed in Absolute Maximum Ratings may cause permanent damage to the device. Functional operation at conditions other than the operating conditions specified is not implied. Only one Absolute Maximum Rating should be applied at any one time. 2. Based on long-term current density limitation. 3. Mounted on an FR4 board. 4. Derate 20mW/C above 25C. 3151.2005.12.1.7
3
AAT3151
High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications Electrical Characteristics1
CIN = COUT = C1 = C2 = 1.0F; TA = -40C to +85C, unless otherwise noted. Typical values are TA = 25C, VIN = 3.5V. Symbol Description Conditions Min
2.7 1X Mode, 3.0 VIN 5.5, Active, No Load Current 1.5X Mode, 3.0 VIN 5.5, Active, No Load Current 2X Mode, 3.0 VIN 5.5, Active, No Load Current 50A Setting, 1X Mode EN/SET = 0 ISET = 30mA, TA = 25C VF:D1:D4 = 3.6V 0.3 1 2.0 50 27 30 0.5 150 1 33
Typ
Max
5.5 1 3 3.7
Units
V
Input Power Supply VIN Operation Range
ICC
Operating Current
mA
Shutdown Current ISINK Current Accuracy2 I(D-Match) Current Matching Between Any Two Current Sink Inputs3, 4 VTH 1X to 1.5X or 1.5X to 2X Transition ISET = 20mA Threshold at Any ISINK Pin Charge Pump Section TSS Soft-Start Time FCLK Clock Frequency EN/SET VIL Enable Threshold Low VIN = 2.7V VIH Enable Threshold High VIN = 5.5V TEN/SET LO EN/SET Low Time TEN/SET_HI_MIN Minimum EN/SET High Time TEN/SET_HI_MAX Maximum EN/SET High Time TOFF EN/SET Off Timeout5 TLAT EN/SET Latch Timeout6 IEN/SET EN/SET Input Leakage
ISHDN IDX
A A mA % mV
100 1000 0.4 1.4 0.3 50 75 500 500 1 75
s kHz V V s ns s s s A
-1
1. The AAT3151 is guaranteed to meet performance specifications over the -40C to +85C operating temperature range and is assured by design, characterization, and correlation with statistical process controls. 2. Determined by the average of all active channels. 3. Current matching is defined as the deviation of any sink current at IOUT = 20mA and 2mA. 4. Specification applies only to the tri-mode charge pump. 5. The EN/SET pin must remain logic low (less than VIL) for the duration of longer than 500s to guarantee the off timeout. 6. The EN/SET pin must remain logic high (greater than VIH) for the duration of longer than 500s to guarantee the latch timeout.
4
3151.2005.12.1.7
AAT3151
High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications Typical Characteristics
Efficiency vs. Supply Voltage
100 90 80 4.1mA VF = 2.9V
Turn-On to 1X Mode
(VIN = 4.2V; 20mA Load)
Efficiency (%)
70 60 50 40 30 20 10 0 2.6 2.8 2.9 3.1 3.2 3.4 3.6 3.7 3.9 4.0 4.2 1mA VF = 2.7V 10.2mA VF = 3.1V 20mA VF = 3.4V
EN (2V/div) CP (2V/div) VSINK (500mV/div) IIN (200mA/div) Time (100s/div)
Supply Voltage (V)
Turn-On to 1.5X Mode
(VIN = 3.5V; 20mA Load)
Turn-On to 2X Mode
(VIN = 2.8V; 20mA Load)
EN (2V/div) CP (2V/div) VSINK (500mV/div) IIN (200mA/div)
EN (2V/div) CP (2V/div) VSINK (500mV/div) IIN (200mA/div)
Time (100s/div)
Time (100s/div)
Turn-Off from 1.5X Mode
(VIN = 3.5V; 20mA Load)
20.4
Current Matching vs. Temperature
EN (2V/div) Current (mA) VF (1V/div)
20.2 20.0 19.8 19.6 19.4 19.2 19.0 -40
Channel 2 Channel 4 Channel 3 Channel 1
IIN (100mA/div)
-20
0
20
40
60
80
Time (500s/div)
Temperature (C)
3151.2005.12.1.7
5
AAT3151
High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications Typical Characteristics
Load Characteristics
(VIN = 3.7V; 1.5X Mode; 15mA Load)
Load Characteristics
(VIN = 2.7V; 2X Mode; 15mA Load)
VIN (40mV/div) CP (40mV/div)
VIN (40mV/div) CP (40mV/div) VSINK (40mV/div)
VSINK (40mV/div)
Time (500ns/div)
Time (500ns/div)
Load Characteristics
(VIN = 3.9V; 1.5X Mode; 20mA Load)
Load Characteristics
(VIN = 2.9V; 2X Mode; 20mA Load)
VIN (40mV/div) CP (40mV/div)
VIN (40mV/div) CP (40mV/div) VSINK (40mV/div)
VSINK (40mV/div)
Time (500ns/div)
Time (500ns/div)
Load Characteristics
(VIN = 4.2V; 1.5X Mode; 30mA Load)
Load Characteristics
(VIN = 3.2V; 2X Mode; 30mA Load)
VIN (40mV/div) CP (40mV/div) VSINK (40mV/div)
VIN (40mV/div) CP (40mV/div) VSINK (40mV/div)
Time (500ns/div)
Time (500ns/div)
6
3151.2005.12.1.7
AAT3151
High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications Typical Characteristics
EN/SET Latch Timeout vs. Input Voltage
EN/SET Latch Timeout (s)
350 400
EN/SET Off Timeout vs. Input Voltage
EN/SET Off Timeout (s)
300 250 200 150 100 50 0 2.7 2.9 3.1 3.3 3.5 3.7 3.9 4.1 4.3 4.5 4.7 4.9 5.1 5.3 5.5
350 300 250 200 150 100 50 0 2.7 2.9 3.1 3.3 3.5 3.7 3.9 4.1 4.3 4.5 4.7 4.9 5.1 5.3 5.5
-40C
-40C
25C
85C
25C
85C
Input Voltage (V)
Input Voltage (V)
Input Ripple vs. Input Voltage
Enable Threshold High (V)
18 16 1.2 1.1 1 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2
Enable Threshold High vs. Input Voltage
Amplitude (mV)
14 12 10 8 6 4 2 0 2.50 2.67 2.84 3.01 3.18 3.35 3.52 3.69 3.86 4.03 4.20
-40C
20mA
30mA
25C
85C
10.2mA
2.7 2.9 3.1 3.3 3.5 3.7 3.9 4.1 4.3 4.5 4.7 4.9 5.1 5.3 5.5
Input Voltage (V)
Input Voltage (V)
Enable Threshold Low vs. Input Voltage
Enable Threshold Low (V)
1.2 1.1 1 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 2.7 2.9 3.1 3.3 3.5 3.7 3.9 4.1 4.3 4.5 4.7 4.9 5.1 5.3 5.5
-40C
25C
85C
Input Voltage (V)
3151.2005.12.1.7
7
AAT3151
High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications Functional Block Diagram
C1+ C1- C2+ C2-
VIN
1X, 1.5X and 2X Charge Pump
VOUT
Soft-Start Control 1MHz Oscillator Voltage Reference D/A 6 x 16 bit ROM D/A D/A
D1 D2 D3
EN/SET
AS 2 Cwire Interface
6 x 16 bit ROM
D/A
D4 GND
Functional Description
The AAT3151 is a tri-mode load switch (1X) and high efficiency (1.5X or 2X) charge pump device intended for white LED backlight applications. To maximize power conversion efficiency, an internal sensing circuit monitors the voltage required on each constant current sink input and sets the load switch and charge pump modes based on the input battery voltage and the current sink input voltage. As the battery discharges over time, the AAT3151 charge pump is enabled when any of the four current sinks near dropout. The charge pump initially starts in 1.5X mode. If the charge pump output drops enough for any current sink to become close to dropout, the charge pump will automatically transition to 2X mode. The AAT3151 requires only four external components: two 1F ceramic capacitors for the charge pump flying capacitors (C1 and C2), one 1F ceramic input capacitor (CIN), and one 1F ceramic charge pump output capacitor (COUT). The AAT3151 constant current sinks can drive four individual LEDs with a maximum current of 30mA 8
per channel. The AS2Cwire serial interface enables the AAT3151 and sets the constant current sink magnitudes. AS2Cwire addressing allows the LED main channels D1-D3 to be controlled independently from the LED sub-channel D4.
Constant Current Output Level Settings
The constant current level for the LED channels is set via the AS2Cwire serial interface according to a logarithmic scale. In this manner, LED brightness appears to change linearly when the settings in the scale are traversed. Because the inputs D1 to D4 are true independent constant current sinks, the voltage observed on any single given input will be determined by the difference between VOUT and the actual forward voltage (VF) of the LED being driven. Since the constant current levels for the AAT3151 are programmable, no PWM (pulse width modulation) or additional control circuitry are needed to control LED brightness. This feature greatly reduces the burden on a microcontroller or system IC to manage LED or display brightness, allowing the user to "set it and forget it." With its high-speed seri3151.2005.12.1.7
AAT3151
High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
al interface (>1MHz data rate), the LED current drive can be changed successively to brighten or dim LEDs in smooth transitions (e.g., to fade out) or in abrupt steps, giving the user complete programmability and real-time control of LED brightness. For each Max Current scale, there are 16 current level settings separated from one another by approximately 1dB. Code 1 is full-scale current and Code 15 is full-scale current attenuated by roughly 14dB. Code 16 is reserved as a "no current" setting (see Table 1). The AAT3151 has an additional Low Current mode with reduced quiescent current. This mode is especially useful for low-current applications where a continuous, low-current state is maintained. The reduction in quiescent current significantly reduces the impact due to maintaining a continuous backlighting state. 20mA Max1 IOUT (mA)
20.0 17.8 15.9 14.3 12.7 11.1 10.2 8.9 7.9 7.0 6.3 5.7 5.1 4.4 4.1 0.0
AS2Cwire Serial Interface
The AS2Cwire single wire interface is used to set the possible combinations of current levels and LED channel states. AS2Cwire has addressing capability for multiple data registers. With multiple data registers, the AAT3151 main and sub-channels can be programmed together or independently from one another. AS2Cwire relies on the number of rising edges of the EN/SET pin to address and load the registers. AS2Cwire latches data or address after the EN/SET pin has been held high for time TLAT. Address or data is differentiated by the number of EN/SET rising edges. Since the data registers are 4 bits each, the differentiating number of pulses is 24 or 16, so that Address 1 is signified by 17 rising edges, Address 2 by 18 rising edges, and so forth. Data is set to any number of rising edges between 1 and including 16. A typical write protocol is a burst of EN/SET rising edges, signifying a particular address, followed by a pause with EN/SET held high for the TLAT timeout period, a burst of rising edges signifying data, and a TLAT timeout for the data registers. Once an address is set, then multiple writes to the corresponding data register are allowed. When EN/SET is held low for an amount of time greater than TOFF, the AAT3151 enters shutdown mode and draws less than 1A from the supply. Address 1 is the default address on the first rising edge after the AAT3151 has been disabled. Whenever shutdown mode is entered, all registers are reset to 1.
Data
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16
30mA Max 15mA Max IOUT (mA) IOUT (mA)
30.0 26.7 23.8 21.4 19.0 16.7 15.2 13.3 11.9 10.5 9.5 8.6 7.6 6.7 6.2 0.0 15.0 13.3 11.9 10.7 9.5 8.3 7.6 6.7 6.0 5.2 4.8 4.3 3.8 3.3 3.1 0.0
Table 1: Constant Current Programming Levels (mA)2.
1. The device defaults to the 20mA Max scale. Use the Max Current Register to change the Max Scale. 2. There is an additional Low Current mode with currents down to 50A. See the Low Current Register Settings section.
3151.2005.12.1.7
9
AAT3151
High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
AS2Cwire Serial Interface Timing
Address
T HI T LO TLAT TLAT
Data
EN/SET
1 2 17 18 1 2... n <= 16
Address
1
2
Data Reg 1
1
n
Data Reg 2
1
AS2Cwire Addressing
Five addresses are available to enable all of the part's functionality. Two 4-bit registers control the main and sub-channel, giving 16 settings for each. The main and sub-channel are programmed to the same constant current level by using Address 1. Use Addresses 2 and 3 to program the main and subchannel independently. Use Address 4 to program the Max Current register, which sets the Max Current scale. Address 5 programs the Low Current register. The Low Current register controls the efficient Low Current mode. When the Max Current register is programmed to 1, 2, or 3, changing the data for Addresses 1-3 will result in the corresponding values found in the Constant Current Programming Levels table. When the Max Current register is programmed to 4, the part is programmed to operate in Low Current mode and the Data for Addresses 1-3 is irrelevant. In Low Current mode, the Low Current register takes precedence. See Table 2 for the current level settings and main/sub-configurations that result. EN/SET Edges
17 18 19 20 21
Max Current and Low Current Registers
Use the Max Current and Low Current registers to program constant current settings outside of the 20mA Max scale. By default (without changing the Max Current register), the AAT3151 operates in the 20mA Max scale (see Constant Current Programming Levels). For example, to change to the 30mA Max scale, address the Max Current register with 20 rising edges and pause for TLAT. Program the Max Current register with 2 rising edges and pause for TLAT. The part will next operate in the same Data row, but for the setting found in the 30mA Max column. Next, to change to a different setting on the 30mA Max scale, address the D1-D4 register with 17 rising edges. Program the new constant current level with 1-16 rising edges. The part will update to the new Data setting according to the Constant Current Programming Levels table. The AAT3151 has a distinct Low Current mode with ultra-low quiescent current. For drive currents of 2mA or less, the part operates with significantly reduced quiescent current. This is particularly useful for applications requiring an "always on" condition, such as transmissive displays. As an example, to change to Low Current mode, address the Max Current register with 20 rising edges and pause for TLAT. Program the Max Current register with 4 rising edges and pause for TLAT. Address the Low Current register with 21 rising edges and pause for TLAT. Program the Low Current register with 1-16 rising edges. The part will update to the new Low Current mode setting and operate with significantly reduced quiescent current.
Address
1 2 3 4 5
Addressed Register
1&2: D1-D4 Current 1: D1-D3 Current 2: D4 Current 3: Max Current 4: Low Current
Table 2: Low Current Register Settings. 10
3151.2005.12.1.7
AAT3151
High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
The AAT3151 is also equipped with an "auto-disable" feature to protect against an LED failure condition.
Data
1 2 3 4
Max Current
20mA Max Scale 30mA Max Scale 15mA Max Scale Low Current Mode1
Thermal Protection
The AAT3151 has a thermal protection circuit that will shut down the charge pump if the die temperature rises above the thermal limit, as is the case during a short-circuit of the VOUT pin.
Table 3: Max Current Register Settings-- Address 4.
Data
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16
D1-D3 (mA)
0 0 0 0 0 0 0 0 0.05 0.5 1 2 0.05 0.5 1 2
D4 (mA)
0 0 0 0 0.05 0.5 1 2 0 0 0 0 0.05 0.5 1 2
Applications Information
LED Selection
The AAT3151 is specifically intended for driving white LEDs. However, the device design will allow the AAT3151 to drive most types of LEDs with forward voltage specifications ranging from 2.0V to 4.3V. LED applications may include main and subLCD display backlighting, camera photo-flash applications, color (RGB) LEDs, infrared (IR) diodes for remotes, and other loads benefiting from a regulated output current generated from a varying input voltage. Since the D1 to D4 constant current sinks are matched with negligible voltage dependence, the LED brightness will be matched regardless of the specific LED forward voltage (VF) levels. In some instances (e.g., in high luminous output applications such as photo flash), it may be necessary to drive high-VF type LEDs. The low dropout current sinks in the AAT3151 make it capable of driving LEDs with forward voltages as high as 4.3V at full current from an input supply as low as 3.0V. Current sinks can be paralleled to drive high-current LEDs without complication.
Table 4: Low Current Register Settings-- Address 5.
Disabled Current Sinks
Current sink inputs that are not used should be disabled. To disable and properly terminate unused current sink inputs, they must be tied to VOUT. If left unconnected or terminated to ground, the part will be forced to operate in 2X charge pump mode. Properly terminating unused current sink inputs is important to prevent the charge pump modes from prematurely activating. When properly terminated, only a small sense current flows for each disabled channel. The sense current for each disabled channel is 120A.
Device Switching Noise Performance
The AAT3151 operates at a fixed frequency of approximately 1MHz to control noise and limit harmonics that can interfere with the RF operation of cellular telephone handsets or other communication devices. Back-injected noise appearing on the input pin of the charge pump is 20mV peak-topeak, typically ten times less than inductor-based
1. Low Current mode requires the Max Current register to be set to Low Current Mode. Low Current mode is unaffected by the settings for Addresses 1-3.
3151.2005.12.1.7
11
AAT3151
High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
DC/DC boost converter white LED backlight solutions. The AAT3151 soft-start feature prevents noise transient effects associated with inrush currents during start-up of the charge pump circuit.
Load Switch Mode Efficiency
The AAT3151 load switch mode is operational at all times and functions alone to enhance device power conversion efficiency when VIN is greater than the voltage across the load. When in load switch mode, the voltage conversion efficiency is defined as output power divided by input power: POUT PIN
Power Efficiency and Device Evaluation
The charge pump efficiency discussion in the following sections only accounts for the efficiency of the charge pump section itself. Due to the unique circuit architecture and design of the AAT3151, it is very difficult to measure efficiency in terms of a percent value comparing input power over output power. Since the AAT3151 inputs are pure constant current sinks and typically drive individual loads, it is difficult to measure the output voltage for a given input (D1 to D4) to derive an overall output power measurement. For any given application, white LED forward voltage levels can differ, yet the load drive current will be maintained as a constant. This makes quantifying output power a difficult task when taken in the context of comparing to other white LED driver circuit topologies. A better way to quantify total device efficiency is to observe the total input power to the device for a given LED current drive level. The best white LED driver for a given application should be based on trade-offs of size, external component count, reliability, operating range, and total energy usage...not just % efficiency. The AAT3151 efficiency may be quantified under very specific conditions and is dependent upon the input voltage versus the output voltage seen across the loads applied to inputs D1 through D4 for a given constant current setting. Depending on the combination of VIN and voltages sensed at the current sinks, the device will operate in load switch mode. When any one of the voltages sensed at the current sinks nears dropout, the device will operate in 1.5X or 2X charge pump mode. Each of these modes will yield different efficiency values. Refer to the following two sections for explanations for each operational mode.
=
The expression to define the ideal efficiency () can be rewritten as: POUT VOUT x IOUT VOUT = = PIN VIN x IOUT VIN
= -or-
(%) = 100
VOUT VIN
Charge Pump Section Efficiency
The AAT3151 contains a fractional charge pump that will boost the input supply voltage when VIN is less than the voltage required on the constant current sink inputs. The efficiency () can be simply defined as a linear voltage regulator with an effective output voltage that is equal to one and one half or two times the input voltage. Efficiency () for an ideal 1.5X charge pump can typically be expressed as the output power divided by the input power. POUT PIN
=
In addition, with an ideal 1.5X charge pump, the output current may be expressed as 2/3 of the
12
3151.2005.12.1.7
AAT3151
High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
input current. The expression to define the ideal efficiency () can be rewritten as: = -or VOUT (%) = 100 1.5VIN POUT VOUT x IOUT VOUT = = PIN VIN x 1.5IOUT 1.5VIN print, and capacitors response. ized, they damage. is non-polarized. Low ESR ceramic help maximize charge pump transient Since ceramic capacitors are non-polarare not prone to incorrect connection
Equivalent Series Resistance
ESR is an important characteristic to consider when selecting a capacitor. ESR is a resistance internal to a capacitor that is caused by the leads, internal connections, size or area, material composition, and ambient temperature. Capacitor ESR is typically measured in milliohms for ceramic capacitors and can range to more than several ohms for tantalum or aluminum electrolytic capacitors.
Capacitor Selection
Careful selection of the four external capacitors CIN, C1, C2, and COUT is important because they will affect turn-on time, output ripple, and transient performance. Optimum performance will be obtained when low equivalent series resistance (ESR) ceramic capacitors are used. In general, low ESR may be defined as less than 100m. A value of 1F for all four capacitors is a good starting point when choosing capacitors. If the constant current sinks are only programmed for light current levels, then the capacitor size may be decreased.
Ceramic Capacitor Materials
Ceramic capacitors less than 0.1F are typically made from NPO or C0G materials. NPO and C0G materials generally have tight tolerance and are very stable over temperature. Larger capacitor values are usually composed of X7R, X5R, Z5U, or Y5V dielectric materials. Large ceramic capacitors (i.e., greater than 2.2F) are often available in lowcost Y5V and Z5U dielectrics, but capacitors greater than 1F are not typically required for AAT3151 applications. Capacitor area is another contributor to ESR. Capacitors that are physically large will have a lower ESR when compared to an equivalent material smaller capacitor. These larger devices can improve circuit transient response when compared to an equal value capacitor in a smaller package size.
Capacitor Characteristics
Ceramic composition capacitors are highly recommended over all other types of capacitors for use with the AAT3151. Ceramic capacitors offer many advantages over their tantalum and aluminum electrolytic counterparts. A ceramic capacitor has very low ESR, is lowest cost, has a smaller PCB foot-
3151.2005.12.1.7
13
AAT3151
High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications Ordering Information
Package
TDFN33-12
Marking1
NLXYY
Part Number (Tape and Reel)2
AAT3151IWP-T1
All AnalogicTech products are offered in Pb-free packaging. The term "Pb-free" means semiconductor products that are in compliance with current RoHS standards, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. For more information, please visit our website at http://www.analogictech.com/pbfree.
Package Information
TDFN33-12
Index Area (D/2 x E/2)
Detail "B"
3.00 0.05
2.40 0.05
0.3 0.10 0.16 0.375 0.125 0.075 0.075 0.1 REF
Detail "A"
Top View
Bottom View
Pin 1 Indicator (optional)
7.5 7.5
+ 0.05 0.8 -0.20
0.229 0.051
Detail "B"
Option A: C0.30 (4x) max Chamfered corner Option B: R0.30 (4x) max Round corner
0.05 0.05
Side View
All dimensions in millimeters.
Detail "A"
1. XYY = assembly and date code. 2. Sample stock is generally held on part numbers listed in BOLD.
(c) Advanced Analogic Technologies, Inc. AnalogicTech cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in an AnalogicTech product. No circuit patent licenses, copyrights, mask work rights, or other intellectual property rights are implied. AnalogicTech reserves the right to make changes to their products or specifications or to discontinue any product or service without notice. Customers are advised to obtain the latest version of relevant information to verify, before placing orders, that information being relied on is current and complete. All products are sold subject to the terms and conditions of sale supplied at the time of order acknowledgement, including those pertaining to warranty, patent infringement, and limitation of liability. AnalogicTech warrants performance of its semiconductor products to the specifications applicable at the time of sale in accordance with AnalogicTech's standard warranty. Testing and other quality control techniques are utilized to the extent AnalogicTech deems necessary to support this warranty. Specific testing of all parameters of each device is not necessarily performed.
Advanced Analogic Technologies, Inc.
830 E. Arques Avenue, Sunnyvale, CA 94085 Phone (408) 737-4600 Fax (408) 737-4611 14
3151.2005.12.1.7
0.23 0.05
0.45 0.05
3.00 0.05
1.70 0.05


▲Up To Search▲   

 
Price & Availability of AAT3151IWP-T1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X